Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5295IPFP Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 4 Page - Texas Instruments

  ADS5295IPFP Datasheet HTML 1Page - Texas Instruments ADS5295IPFP Datasheet HTML 2Page - Texas Instruments ADS5295IPFP Datasheet HTML 3Page - Texas Instruments ADS5295IPFP Datasheet HTML 4Page - Texas Instruments ADS5295IPFP Datasheet HTML 5Page - Texas Instruments ADS5295IPFP Datasheet HTML 6Page - Texas Instruments ADS5295IPFP Datasheet HTML 7Page - Texas Instruments ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: General
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, 100 MSPS, two-wire LVDS interface,
and –1-dBFS differential analog input, unless otherwise noted.
Minimum and maximum values are across the full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and
LVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
12
Bits
ANALOG INPUTS
Differential input voltage range
2.0
VPP
Differential input resistance
At dc
2
k
Ω
Differential input capacitance
At dc
3.7
pF
Analog input bandwidth
500
MHz
Analog input common-mode current
1
µA/MSPS
(per input pin)
VCM
Common-mode output voltage
0.95
V
VCM output current capability
5
mA
DYNAMIC ACCURACY
EO
Offset error
–20
20
mV
Resulting from internal
EGREF
–1.5
1.5
%FS
reference inaccuracy alone
Gain error
EGCHAN
Of channel itself
0.5
%FS
EGCHAN temperature coefficient
< 0.01
Δ%FS/°C
POWER SUPPLY
IAVDD
Analog supply current
100 MSPS
206
225
mA
100 MSPS, two-wire LVDS interface, 350-mV
ILVDD
Output buffer supply current
150
163
mA
swing with 100-
Ω external termination
AVDD
Analog power
100 MSPS
370.8
mW
100 MSPS, two-wire LVDS interface, 350-mV
LVDD
Digital power
270
mW
swing with 100-
Ω external termination
100 MSPS, two-wire LVDS interface, 350-mV
Total power
640.8
mW
swing with 100-
Ω external termination
Global power-down
45
mW
Standby power
192
mW
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com