Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914AIPT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV914AIPT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914AIPT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV914AIPT Datasheet HTML 9Page - STMicroelectronics TSV914AIPT Datasheet HTML 10Page - STMicroelectronics TSV914AIPT Datasheet HTML 11Page - STMicroelectronics TSV914AIPT Datasheet HTML 12Page - STMicroelectronics TSV914AIPT Datasheet HTML 13Page - STMicroelectronics TSV914AIPT Datasheet HTML 14Page - STMicroelectronics TSV914AIPT Datasheet HTML 15Page - STMicroelectronics TSV914AIPT Datasheet HTML 16Page - STMicroelectronics TSV914AIPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Figure 14. Distortion + noise vs. frequency
10
100
1000
10000
100000
1E-4
1E-3
0.01
Vcc= 2.7V
Figure 15. Distortion + noise vs. output voltage
0.01
0.1
1
0.001
0.010
0.100
f=1kHz
Rl=2kOhms
Gain=1
BW=22kHz
Vicm=(Vcc+1V)/2
Output Voltage (V)
Vcc=3.3V
Vcc=5V
Vcc=2.5V
Figure 16. Noise vs. frequency
Figure 17. Phase margin vs. capacitive load and serial
resistor
Vcc=5V
Vrl=2.5V
Tamb= 25°
Figure 18. Supply current vs. supply voltage
TSV91x, TSV91xA
Electrical characteristic curves
DS4899 - Rev 13
page 13/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com