Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914AIPT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV914AIPT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914AIPT Datasheet(HTML) 2 Page - STMicroelectronics

  TSV914AIPT Datasheet HTML 1Page - STMicroelectronics TSV914AIPT Datasheet HTML 2Page - STMicroelectronics TSV914AIPT Datasheet HTML 3Page - STMicroelectronics TSV914AIPT Datasheet HTML 4Page - STMicroelectronics TSV914AIPT Datasheet HTML 5Page - STMicroelectronics TSV914AIPT Datasheet HTML 6Page - STMicroelectronics TSV914AIPT Datasheet HTML 7Page - STMicroelectronics TSV914AIPT Datasheet HTML 8Page - STMicroelectronics TSV914AIPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Package pin connections
Figure 1. Pin connections for each package (top view)
SOT23-5
OUT
VCC-
IN+
VCC+
IN-
1
2
3
4
5
OUT
VCC+
IN+
VCC-
IN-
1
2
3
4
5
TSV911ILT
TSV911RILT
SO8 (single)
1
2
3
4
5
6
7
8
-
+
NC
In1-
In1+
VCC-
NC
VCC+
Out
NC
1
2
3
4
5
6
7
8
-
+
-
+
Out1
In1-
In1+
VCC-
VCC+
Out2
In2-
In2+
MiniSO8, SO8, DFN8 2x2 (dual)
1
2
3
4
Out1
In1-
In1+
VCC+
VCC-
Out2
In2-
In2+ 5
7
8
9
10
-
+
-
+
+
-
+
-
6
11
12
13
14
Out3
In3-
In3+
In4+
In4-
Out4
SO14, TSSOP14
1. The exposed pad of the DFN8 2x2 package is not internally connected and can be set to VCC- or left floating.
TSV91x, TSV91xA
Package pin connections
DS4899 - Rev 13
page 2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com