Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4994 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4994_V01 Datasheet HTML 5Page - STMicroelectronics TS4994_V01 Datasheet HTML 6Page - STMicroelectronics TS4994_V01 Datasheet HTML 7Page - STMicroelectronics TS4994_V01 Datasheet HTML 8Page - STMicroelectronics TS4994_V01 Datasheet HTML 9Page - STMicroelectronics TS4994_V01 Datasheet HTML 10Page - STMicroelectronics TS4994_V01 Datasheet HTML 11Page - STMicroelectronics TS4994_V01 Datasheet HTML 12Page - STMicroelectronics TS4994_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TS4994
Electrical characteristics
9/35
Figure 3.
Current consumption vs. power
supply voltage
Figure 4.
Current consumption vs. standby
voltage
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
No load
Tamb=25
°C
Power Supply Voltage (V)
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Standby mode=0V
Standby mode=5V
Vcc = 5V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 5.
Current consumption vs. power
supply voltage
Figure 6.
Current consumption vs. standby
voltage
0.0
0.6
1.2
1.8
2.4
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Standby mode=0V
Standby mode=3.3V
Vcc = 3.3V
No load
Tamb=25
°C
Standby Voltage (V)
0.0
0.6
1.2
1.8
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Standby mode=0V
Standby mode=2.6V
Vcc = 2.6V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 7.
Differential DC output voltage vs.
common mode input voltage
Figure 8.
Power dissipation vs. output power
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.01
0.1
1
10
100
1000
Vcc=3.3V
Vcc=2.5V
Vcc=5V
Av = 1
Tamb = 25
°C
Common Mode Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com