Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4994 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4994_V01 Datasheet HTML 1Page - STMicroelectronics TS4994_V01 Datasheet HTML 2Page - STMicroelectronics TS4994_V01 Datasheet HTML 3Page - STMicroelectronics TS4994_V01 Datasheet HTML 4Page - STMicroelectronics TS4994_V01 Datasheet HTML 5Page - STMicroelectronics TS4994_V01 Datasheet HTML 6Page - STMicroelectronics TS4994_V01 Datasheet HTML 7Page - STMicroelectronics TS4994_V01 Datasheet HTML 8Page - STMicroelectronics TS4994_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TS4994
Application component information
3/35
1
Application component information
Figure 1.
Typical application, DFN10 version
Components
Functional description
Cs
Supply bypass capacitor that provides power supply filtering.
Cb
Bypass capacitor that provides half supply filtering.
Rfeed
Feedback resistor that sets the closed loop gain in conjunction with Rin
AV = closed loop gain = Rfeed/Rin.
Rin
Inverting input resistor that sets the closed loop gain in conjunction with Rfeed.
Cin
Optional input capacitor making a high pass filter together with Rin.
(FCL = 1/(2πRinCin).
Rfeed1
20k
Rin1
20k
Rin2
20k
Rfeed2
20k
Cin1
220nF
Cin2
220nF
Cb
1u
Cs
1u
GND
GND
GND
Diff. Input +
Diff. input -
GND
GND
GND
VCC
VCC
VCC
Optional
8 Ohms
Bias
Vin-
Vin+
Bypass
Standby
VCC
GND
Vo-
Vo+
+
-
2
5
9
10
7
3
4
6
1
Mode
Stdby
TS4994IQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com