Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC1021AIPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC1021AIPT
Description  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIPT Datasheet(HTML) 1 Page - STMicroelectronics

  TSC1021AIPT Datasheet HTML 1Page - STMicroelectronics TSC1021AIPT Datasheet HTML 2Page - STMicroelectronics TSC1021AIPT Datasheet HTML 3Page - STMicroelectronics TSC1021AIPT Datasheet HTML 4Page - STMicroelectronics TSC1021AIPT Datasheet HTML 5Page - STMicroelectronics TSC1021AIPT Datasheet HTML 6Page - STMicroelectronics TSC1021AIPT Datasheet HTML 7Page - STMicroelectronics TSC1021AIPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2015
DocID017857 Rev 4
1/17
This is information on a product in full production.
www.st.com
TSC1021
High-side current sense amplifier
Datasheet - production data
Features
Wide common-mode operating range
independent of supply: 2.8 V to 30 V
Wide common-mode survival range: -32 V to
60 V (reversed battery and load-dump
conditions)
Maximum input offset voltage:
±1.5 mV for Tamb = 25 °C
±2.3 mV for -40 °C < Tamb < 125 °C
Maximum total output voltage error:
±1.5 % for Tamb = 25 °C
±2.5 % for -40 °C < Tamb < 125 °C
Maximum variation over temperature:
dVos/dT = 8 µV/°C
dVout/dT = 100 ppm/°C
Low current consumption: ICC max = 300 µA
-40 °C to 125 °C operating temperature
range
Internally fixed gain: 20 V/V, 50 V/V
EMI filtering
Related products
See TSC103 for higher common-mode
operating range (2.9 V to 70 V)
Applications
Automotive current monitoring
Notebook computers
Server power supplies
Telecom equipment
Industrial SMPS
Current sharing
LED current measurement
Description
The TSC1021 measures a small differential
voltage on a high-side shunt resistor and
translates it into a ground-referenced output
voltage.
The TSC1021 has been specifically designed for
automotive conditions: load-dump protection up
to 60 V, reverse-battery protection up to -32 V,
ESD protection up to 4 kV and internal filtering for
EMI performance.
Input common-mode and power supply voltages
are independent: the common-mode voltage can
range from 2.8 to 30 V in operating conditions
and up to 60 V in absolute maximum ratings
while the TSC1021 can be supplied by a 5 V
independent supply line.
The TSC1021 is housed in a tiny TSSOP8
package and integrates a buffer that provides low
impedance output to ease interfacing and avoid
accuracy losses. The overall device current
consumption is lower than 300 µA.


Similar Part No. - TSC1021AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
More results

Similar Description - TSC1021AIPT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
High side current sense amplifier
05-Mar-2007
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
High side current sense amplifier
22-Oct-2007
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com