Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC1021AIPT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSC1021AIPT
Description  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIPT Datasheet(HTML) 3 Page - STMicroelectronics

  TSC1021AIPT Datasheet HTML 1Page - STMicroelectronics TSC1021AIPT Datasheet HTML 2Page - STMicroelectronics TSC1021AIPT Datasheet HTML 3Page - STMicroelectronics TSC1021AIPT Datasheet HTML 4Page - STMicroelectronics TSC1021AIPT Datasheet HTML 5Page - STMicroelectronics TSC1021AIPT Datasheet HTML 6Page - STMicroelectronics TSC1021AIPT Datasheet HTML 7Page - STMicroelectronics TSC1021AIPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TSC1021
Application diagram
DocID017857 Rev 4
3/17
1
Application diagram
The TSC1021 high-side current-sense amplifier features a 2.8 V to 30 V input common-
mode range that is independent of the supply voltage. The main advantage of this feature
is that it allows high-side current sensing at voltages much greater than the supply voltage
(VCC).
Figure 1: Application schematic: high-line current sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com