Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IST Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC200IST
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IST Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC200IST Datasheet HTML 12Page - STMicroelectronics TSC200IST Datasheet HTML 13Page - STMicroelectronics TSC200IST Datasheet HTML 14Page - STMicroelectronics TSC200IST Datasheet HTML 15Page - STMicroelectronics TSC200IST Datasheet HTML 16Page - STMicroelectronics TSC200IST Datasheet HTML 17Page - STMicroelectronics TSC200IST Datasheet HTML 18Page - STMicroelectronics TSC200IST Datasheet HTML 19Page - STMicroelectronics TSC200IST Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
The transition between amplifiers A1 and A2 can also be observed on a dynamic signal, when the common mode
voltage varies around a Vicm = 40% VCC.
5.3
Rsense selection
The selection of the shunt resistor is a tradeoff between dynamic range and power dissipation.
Generally, in high current sensing applications, the focus is to reduce the power dissipation (RI²) as much as
possible by choosing the lowest shunt value. It is quite easy if the full-scale current to be measured is low.
In low current application, the Rsense value could be higher to minimize the impact of the offset voltage of the
circuit. Keep in mind that due to the input bias of several µA the TSC20x cannot measure current in the same
range.
The tradeoff is mainly when the dynamic range of current to be measured is large, meaning there is an ability to
measure with the same shunt value low current to high current. Generally, the current full scale Imax defines the
shunt value thanks to the full output voltage range, the gain of the TSC20x.
At first order, the full current range to measure through Rsense can be defined by equation 3, just by taking the
gain error and input offset voltage as inaccuracy parameters:
Isense_full_scale*Rsense= Vcc−250mV
TSC_Gain1+Eg − Vio
(3)
Its purpose is to highlight that the product Rsense * TSC_gain is determined by the application, and that once one
of these two parameters is selected, the maximum value of the second one can be calculated.
5.4
Input offset voltage drift vs. temperature
The maximum input offset voltage drift vs. temperature is defined as the offset variation related to the offset value
measured at 25 °C. The signal chain accuracy at 25 °C can be compensated during production at application
level. The maximum input voltage drift vs. temperature enables the system designer to anticipate the effect of
temperature variations.
The maximum input voltage drift vs. temperature is computed using equation 4.
ΔVioΔT=max VioT−Vio25°C
T−25°C
(4)
Where T = -40 °C and 125 °C.
The TSC20x datasheet maximum value is guaranteed by measurements on a representative sample size
ensuring a Cpk (process capability index) greater than 1.3.
5.5
Error calculation
The principal sources of errors such as input offset voltage, gain error, and common-mode rejection ratio are
described separately in the electrical characteristic section. This chapter summarizes the most important errors to
take into account during a design phase.
•
Input offset voltage error
Equation 5 depicts a first order error calculation taking into account the input offset voltage. In an environment
with unstable temperature, it is important to consider the deviation of the Vio. The error linked to the input offset
on the output voltage can be written as equation 5:
Vio Error= ±Vio± Dvio/DT*ΔT*Gain
(5)
•
Gain error and shunt resistance accuracy
Gain error=Gain1+εgain
(6)
Rsense error=Gain1+εRsense
(7)
Where Ɛgain is the gain error 2% max for the TSC20x.
Where ƐRsense is the shunt resistance error. Shunt resistors from 5 mΩ to 100 mΩ are available within 1%
accuracy or better.
TSC200, TSC201, TSC202
Application information
DS13882 - Rev 3
page 16/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com