Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IST Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSC200IST
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IST Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSC200IST Datasheet HTML 15Page - STMicroelectronics TSC200IST Datasheet HTML 16Page - STMicroelectronics TSC200IST Datasheet HTML 17Page - STMicroelectronics TSC200IST Datasheet HTML 18Page - STMicroelectronics TSC200IST Datasheet HTML 19Page - STMicroelectronics TSC200IST Datasheet HTML 20Page - STMicroelectronics TSC200IST Datasheet HTML 21Page - STMicroelectronics TSC200IST Datasheet HTML 22Page - STMicroelectronics TSC200IST Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
We can expect a current of 5 A, an error of 2.9% @ 25 °C.
The error expected in this case is largely better (2.9%), than the worst-case calculation (5.1%), and above all
more realistic.
5.7
Stability
Driving large capacitive Cload
Increasing the load capacitance produces gain peaking in the frequency response, with overshoot and ringing in
the step response.
Figure 37 shows the serial resistor that must be added to the output to make the system stable for a given
capacitive load. The criteria chosen to ensure the stability of the system is an overshoot lower than 30% and with
a settling time at 2.5% of the final value lower than 20 µs.
Figure 37. Stability criteria with a serial resistor at VCC = 5 V
0.1
1
10
0
2
4
6
8
10
12
14
16
18
20
Stable
Vcc=5V, Vicm=12V,
T=25°C
Unstable
Capacitive Load (nF)
5.8
Power supply recommendation
To decouple the TSC20x correctly, it is recommended to place a 100 nF bypass capacitor between Vcc and Gnd.
This capacitor must be placed as close as possible to the supply pins. Figure 38 describes the application setup
for the startup phase. A Vicm = 12 V and a Vsense = 70 mV are set on the input pins of the current sensing. The
current sensing output is directly connected to the comparator input pin.
Figure 39 shows a startup time for current sensing and integrated comparator, with a decoupling capacitance of
100 nF.
TSC200, TSC201, TSC202
Application information
DS13882 - Rev 3
page 19/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com