Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC210ICT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC210ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210ICT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC210ICT Datasheet HTML 12Page - STMicroelectronics TSC210ICT Datasheet HTML 13Page - STMicroelectronics TSC210ICT Datasheet HTML 14Page - STMicroelectronics TSC210ICT Datasheet HTML 15Page - STMicroelectronics TSC210ICT Datasheet HTML 16Page - STMicroelectronics TSC210ICT Datasheet HTML 17Page - STMicroelectronics TSC210ICT Datasheet HTML 18Page - STMicroelectronics TSC210ICT Datasheet HTML 19Page - STMicroelectronics TSC210ICT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Even if the TSC213 is a zero-drift current sensor allowing small shunt use, at first order the input offset voltage
(Vio) and the input bias current (Iib) should be put in with regards to the differential voltage in the shunt resistance.
Figure 34 shows the trade-off between the accuracy at minimum current and power dissipation.
Figure 34. Shunt resistor value trade-off (TSC213)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
2
4
6
8
10
12
14
0.0
0.4
0.8
1.2
Shunt resistor value
(m
W)
Shunt resistor vs input error
at minimumcurrent (1 A)
Shunt resistor vs power dissipation
at maximumcurrent (10A)
Vcc = 5 V, Vicm = 12V
Increasing the shunt resistor values improves current accuracy, but also increases power dissipation!
•
If power dissipation in the shunt is the key point, RSense should be chosen as
Rsense≤PmaxImax²
and then chose the right TSC21x gain products. For example, for high current to sense, it is better to use
the TSC212 offering a gain of 1000, allowing to use a smaller shunt and so limited power losses. But
accuracy can be lower.
•
Or choose the TSC21x gain product available on the shelf, and then size the shunt resistor value
accordingly.
6.5
Input offset voltage drift overtemperature
The maximum input offset voltage drift overtemperature is defined as the offset variation related to the offset value
measured at 25 °C. The signal chain accuracy at 25 °C can be compensated during production at application
level. The maximum input voltage drift overtemperature enables the system designer to anticipate the effect of
temperature variations.
The maximum input voltage drift overtemperature is computed using equation 2:
ΔVioΔT=maxVioT −Vio25°C
T−25°C
(2)
where T = - 40 °C and 125 °C
The TSC21x datasheet maximum value is guaranteed by measurements on a representative sample size
ensuring a Cpk (process capability index) greater than 1.3.
6.6
Error calculation
The principal source of error as input offset voltage, gain error, common mode rejection ration, are described
separately in the electrical characteristics. This section summarizes the most important error to take into account
during a design phase.
•
Input offset voltage error
In a precision domain most of the time the input offset can be a major influence in the output error. It is so
important to take it into account and also the derivation in temperature as depicted by equation 3:
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com