Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC210ICT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSC210ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210ICT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSC210ICT Datasheet HTML 14Page - STMicroelectronics TSC210ICT Datasheet HTML 15Page - STMicroelectronics TSC210ICT Datasheet HTML 16Page - STMicroelectronics TSC210ICT Datasheet HTML 17Page - STMicroelectronics TSC210ICT Datasheet HTML 18Page - STMicroelectronics TSC210ICT Datasheet HTML 19Page - STMicroelectronics TSC210ICT Datasheet HTML 20Page - STMicroelectronics TSC210ICT Datasheet HTML 21Page - STMicroelectronics TSC210ICT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Figure 35. Input current
Vicm
lib-
lib+
+
-
Gnd
Isource
Iload
From a calculation approach when working with a Vicm over 2.5 V, if Isource is considered to be known rather than
the Iload, in this case the input bias current should be taken into consideration.
Figure 35 express also the fact that the TSC21x cannot measure current in the same order than input bias current
(several hundreds of µA).
•
Example
Let’s take an example to get a better understanding of the maximum total error that can happen on the output of
the TSC213.
Use case:
- Vcc = 5 V
- Vicm = 24 V
- Vocm = 2.5 V
- Temperature = 25 °C
- Iload = 5 A
- Shunt 5 mΩ with 1% accuracy
Theoretically the expected output voltage should be Vout = Rshunt * Iload * 50 + Vref = 3.75 V.
From the above equations let’s detail all the error terms by using the maximum value of the electrical
characteristic (when available), in order to express as much as possible, the worst case condition. The % error on
output of the following table is expressed in reference to Vout – Vref, so in this typical example: 1.25 V.
Table 6. Gain error
Error source
Calculus
Output voltage error
% error on
output
Gain error
50*5.10−3*5*1%
12.5 mV
1%
Vio error
50*100µV
5 mV
0.4%
CMRR error
50*24V−12V
1010020
6 mV
0.5%
Noise
50*38nVHz 100kHz*π2−0.1Hz
0.75 mVRMS
0.2%
Total
18.1 mV
+0.75 mVRMS
2.1%
1. The percentage is based on voltage peak value and is 3 times RMS value.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 18/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com