Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1351 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1351
Description  AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1351 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1351 Datasheet HTML 20Page - Texas Instruments AMC1351 Datasheet HTML 21Page - Texas Instruments AMC1351 Datasheet HTML 22Page - Texas Instruments AMC1351 Datasheet HTML 23Page - Texas Instruments AMC1351 Datasheet HTML 24Page - Texas Instruments AMC1351 Datasheet HTML 25Page - Texas Instruments AMC1351 Datasheet HTML 26Page - Texas Instruments AMC1351 Datasheet HTML 27Page - Texas Instruments AMC1351 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
8.2.2.1 Input Filter Design
Placing an RC filter in front of the isolated amplifier improves signal-to-noise performance of the signal path. In
practice, however, the impedance of the resistor divider is so high that adding a filter capacitor on the IN pin
limits the signal bandwidth to an unacceptable low limit, such that the filter capacitor is omitted. When used,
design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20 MHz) of the internal ΔΣ modulator
• The input bias current does not generate significant voltage drop across the DC impedance of the input filter
Most voltage-sensing applications use high-impedance resistor dividers in front of the isolated amplifier to scale
down the input voltage. In that case, no additional resistor is needed and a single capacitor (as shown in Figure
8-2) is sufficient to filter the input signal.
1 nF
RSNS
VDD1
GND1
IN
GND1
AMC1351
VDD2
OUTP
OUTN
GND2
R2
R1
VDC
Figure 8-2. Input Filter
8.2.2.2 Differential to Single-Ended Output Conversion
Figure 8-3 shows an example of a TLV6001-based signal conversion and filter circuit for systems using single-
ended input ADCs to convert the analog output voltage into digital. With R1 = R2 = R3 = R4, the output voltage
equals (VOUTP – VOUTN) + VREF. Tailor the bandwidth of this filter stage to the bandwidth requirement of the
system and use NP0-type capacitors for best performance. For most applications, R1 = R2 = R3 = R4 = 3.3 kΩ
and C1 = C2 = 330 pF yields good performance.
VDD1
GND1
IN
GND1
AMC1351
VDD2
OUTP
OUTN
GND2
+
–
R4
R3
R1
R2
V
REF
ADC
To MCU
C1
C2
TLV6001
Figure 8-3. Connecting the AMC1351 Output to a Single-Ended Input ADC
For more information on the general procedure to design the filtering and driving stages of SAR ADCs, see
the 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise and 18-Bit Data
Acquisition Block (DAQ) Optimized for Lowest Power reference guides, available for download at www.ti.com.
AMC1351
SBASAA8 – DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com