Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1351 Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC1351
Description  AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1351 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1351 Datasheet HTML 1Page - Texas Instruments AMC1351 Datasheet HTML 2Page - Texas Instruments AMC1351 Datasheet HTML 3Page - Texas Instruments AMC1351 Datasheet HTML 4Page - Texas Instruments AMC1351 Datasheet HTML 5Page - Texas Instruments AMC1351 Datasheet HTML 6Page - Texas Instruments AMC1351 Datasheet HTML 7Page - Texas Instruments AMC1351 Datasheet HTML 8Page - Texas Instruments AMC1351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
AMC1351
UNIT
DWV (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
84.6
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
28.3
°C/W
RθJB
Junction-to-board thermal resistance
41.1
°C/W
ψJT
Junction-to-top characterization parameter
4.9
°C/W
ψJB
Junction-to-board characterization parameter
39.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
VDD1 = VDD2 = 5.5 V
96
mW
PD1
Maximum power dissipation (high-side)
VDD1 = 3.6 V
29
mW
VDD1 = 5.5 V
51
PD2
Maximum power dissipation (low-side)
VDD2 = 3.6 V
26
mW
VDD2 = 5.5 V
45
www.ti.com
AMC1351
SBASAA8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC1351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com