Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z610-R1 Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 15Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 16Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
8 Detailed Description
8.1 Overview
The BQ28Z610-R1 gas gauge is a fully integrated battery manager that employs flash-based firmware and
integrated hardware protection to provide a complete solution for battery-stack architectures composed of 1- to
2-series cells. The BQ28Z610-R1 device interfaces with a host system via an I2C protocol. High-performance,
integrated analog peripherals enable support for a sense resistor down to 1 mΩ and simultaneous current/
voltage data conversion for instant power calculations. The following sections detail all of the major component
blocks included as part of the BQ28Z610-R1 device.
8.2 Functional Block Diagram
The Functional Block Diagram depicts the analog (AFE) and digital (AGG) peripheral content in the BQ28Z610-
R1 device.
Cell
Balancing
Over
Current
Comparator
Short Circuit
Comparator
Power On
Reset
Voltage
Reference 2
Watchdog
Timer
Zero Volt
Charge
Control
Wake
Comparator
Internal
Temp
Sensor
AFE Control
ADC MUX
Cell Detach
Detection
Cell, Stack,
Pack
Voltage
Voltage
Reference1
SDA
SRP
High Side
N-CH FET
Drive
Power Mode
Control
Low
Frequency
Oscillator
ADC/CC
FRONTEND
1.8V LDO
Regulator
AD0/ RC0 (TS1)
SRN
AFE COM
Engine
DMAddr (16bit)
High
Frequency
Oscillator
COM
Engine
AFE COM
Engine
I/O &
Interrupt
Controller
Data Flash
EEPROM
ADC/CC
Digital Filter
Program
Flash
EEPROM
In-Circuit
Emulator
bqBMP
CPU
Timers &
PWM
PMAddr
(16bit)
PMInstr
(8bit)
Low Voltage
I/O
Data
SRAM
Data (8bit)
I/ O
NTC Bias
Internal
Reset
Interrupt
SCL
Copyright © 2016, Texas Instruments Incorporated
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com