Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z610-R1 Datasheet(PDF) 20 Page - Texas Instruments

Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 16Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
8.3.17 1.8-V Low Dropout Regulator
The BQ28Z610-R1 AFE contains an integrated 1.8-V LDO that provides regulated supply voltage for the device
CPU and internal digital logic.
8.3.18 Internal Voltage References
The BQ28Z610-R1 AFE provides two internal voltage references with VREF1, used by the ADC and CC, while
VREF2 is used by the LDO, LFO, current wake comparator, and OCD/SCC/SCD1/SCD2 current protection
circuitry.
8.3.19 Overcurrent in Discharge Protection
The overcurrent in discharge (OCD) function detects abnormally high current in the discharge direction.
The overload in discharge threshold and delay time are configurable via the OCD_CONTROL register. The
thresholds and timing can be fine-tuned even further based on a sense resistor with lower resistance or wider
tolerance via the PROTECTION_CONTROL register. The detection circuit also incorporates a filtered delay
before disabling the CHG and DSG FETs. When an OCD event occurs, the LATCH_STATUS[OCD] bit is set to
1 and is latched until it is cleared and the fault condition has been removed.
8.3.20 Short-Circuit Current in Charge Protection
The short-circuit current in charge (SCC) function detects catastrophic current conditions in the charge direction.
The short-circuit in charge threshold and delay time are configurable via the SCC_CONTROL register. The
thresholds and timing can be fine-tuned even further based on a sense resistor with lower resistance or wider
tolerance via the PROTECTION_CONTROL register. The detection circuit also incorporates a blanking delay
before disabling the CHG and DSG FETs. When an SCC event occurs, the LATCH_STATUS[SCC] bit is set to 1
and is latched until it is cleared and the fault condition has been removed.
8.3.21 Short-Circuit Current in Discharge 1 and 2 Protection
The short-circuit current in discharge (SCD) function detects catastrophic current conditions in the discharge
direction. The short-circuit in discharge thresholds and delay times are configurable via the SCD1_CONTROL
and SCD2_CONTROL registers. The thresholds and timing can be fine-tuned even further based on a sense
resistor with lower resistance or wider tolerance via the PROTECTION_CONTROL register. The detection circuit
also incorporates a blanking delay before disabling the CHG and DSG FETs. When an SCD event occurs, the
LATCH_STATUS[SCD1] or LATCH_STATUS[SCD2] bit is set to 1 and is latched until it is cleared and the fault
condition has been removed.
8.3.22 Primary Protection Features
The BQ28Z610-R1 gas gauge supports the following battery and system level protection features, which can be
configured using firmware:
• Cell Undervoltage Protection
• Cell Overvoltage Protection
• Overcurrent in CHARGE Mode Protection
• Overcurrent in DISCHARGE Mode Protection
• Overload in DISCHARGE Mode Protection
• Short Circuit in CHARGE Mode Protection
• Overtemperature in CHARGE Mode Protection
• Overtemperature in DISCHARGE Mode Protection
• Precharge Timeout Protection
• Fast Charge Timeout Protection
8.3.23 Gas Gauging
This device uses the Impedance Track™ technology to measure and determine the available charge in battery
cells. The accuracy achieved using this method is better than 1% error over the lifetime of the battery. There
is no full charge/discharge learning cycle required. See the Theory and Implementation of Impedance Track
Battery Fuel-Gauging Algorithm Application Report for further details.
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com