Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA510F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA510F_V01 Datasheet HTML 17Page - STMicroelectronics STA510F_V01 Datasheet HTML 18Page - STMicroelectronics STA510F_V01 Datasheet HTML 19Page - STMicroelectronics STA510F_V01 Datasheet HTML 20Page - STMicroelectronics STA510F_V01 Datasheet HTML 21Page - STMicroelectronics STA510F_V01 Datasheet HTML 22Page - STMicroelectronics STA510F_V01 Datasheet HTML 23Page - STMicroelectronics STA510F_V01 Datasheet HTML 24Page - STMicroelectronics STA510F_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID014268 Rev 5
21/26
STA510F
Output filter
26
See Figure 6.
See Figure 7.
Table 13. Filter optimized to minimize the peak BTL
Load
impedance
LC low-pass filter
Damping network
LF
CF
CS
CP
RP
3
10 µH
680 nF
220 nF
220 nF
3.3
Ω
4
10 µH
680 nF
220 nF
220 nF
3.3
Ω
6
15 µH
470 nF
100 nF
100 nF
4.7
Ω
8
22 µH
330 nF
100 nF
100 nF
6.2
Ω
Table 14. Filter optimized to minimize the peak PBTL
Load
impedance
LC low-pass filter
Damping network
LF
CF
CS
CP
RP
3
10 µH
680 nF
220 nF
220 nF
2.7
Ω
4
10 µH
680 nF
220 nF
220 nF
3.3
Ω
6
15 µH
470 nF
100 nF
100 nF
6.2
Ω
8
22 µH
330 nF
100 nF
100 nF
6.2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com