Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT60P-400 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BYT60P-400
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-400 Datasheet(HTML) 7 Page - STMicroelectronics

  BYT60P-400 Datasheet HTML 1Page - STMicroelectronics BYT60P-400 Datasheet HTML 2Page - STMicroelectronics BYT60P-400 Datasheet HTML 3Page - STMicroelectronics BYT60P-400 Datasheet HTML 4Page - STMicroelectronics BYT60P-400 Datasheet HTML 5Page - STMicroelectronics BYT60P-400 Datasheet HTML 6Page - STMicroelectronics BYT60P-400 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BYT60P-400 / BYT260PIV-400 / BYT261PIV-400
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
BYT60P-400
BYT60P-400
SOD93
3.79 g.
30
Tube
BYT260PIV-400
BYT260PIV-400
ISOTOP
28 g. (without screws)
10
Tube
BYT261PIV-400
BYT261PIV-400
ISOTOP
28 g. (without screws)
10
Tube
n
Cooling method: by conduction (C)
n
Recommended torque value (ISOTOP): 1.3 N.m (MAX 1.5 N.m) for the 6 x M4 screws. (2 x M4 screws
recommended for mounting the package on the heatsink and the 4 screws given with the screw ver-
sion).The screws supplied with the package are adapted for mounting on a board (or other types of
terminals) with a thickness of 0.6 mm min and 2.2 mm max.
n
Recommended torque value (SOD93): 0.8 N.m.
n
Maximum torque value (SOD93): 1.0 N.m.
n
Epoxy meets UL94,V0
PACKAGE MECHANICAL DATA
SOD93 Plastic
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.70
4.90 0.185
0.193
C
1.17
1.37 0.046
0.054
D
2.50
0.098
D1
1.27
0.050
E
0.50
0.78 0.020
0.031
F
1.10
1.30 0.043
0.051
F3
1.75
0.069
G
10.80
11.10 0.425
0.437
H
14.70
15.20 0.578
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0
0.709
L5
3.95
4.15 0.156
0.163
L6
31.00
1.220
O
4.00
4.10 0.157
0.161



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com