Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT60P-400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT60P-400
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-400 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT60P-400 Datasheet HTML 1Page - STMicroelectronics BYT60P-400 Datasheet HTML 2Page - STMicroelectronics BYT60P-400 Datasheet HTML 3Page - STMicroelectronics BYT60P-400 Datasheet HTML 4Page - STMicroelectronics BYT60P-400 Datasheet HTML 5Page - STMicroelectronics BYT60P-400 Datasheet HTML 6Page - STMicroelectronics BYT60P-400 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
BYT60P-400
BYT260PIV-400 / BYT261PIV-400
May 2000 - Ed: 4D
FAST RECOVERY RECTIFIER DIODES
®
These rectifier devices are suited for free-wheeling
function in converters and motor control circuits.
Packaged in ISOTOP or SOD93, they are
intended for use in Switch Mode Power Supplies.
DESCRIPTION
n
VERY LOW REVERSE RECOVERY TIME
n
VERY LOW SWITCHING LOSSES
n
LOW NOISE TURN-OFF SWITCHING
n
INSULATED PACKAGE: ISOTOP
Insulation voltage: 2500 VRMS
Capacitance = 45 pF
Inductance < 5 nH
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IFRM
Repetitive peak forward current
tp=5
µs F=1kHz
1000
A
IF(RMS)
RMS forward current
ISOTOP
140
A
SOD93
100
IF(AV)
Average forward current
δ = 0.5
Tc = 70
°C
ISOTOP
60
A
Tc = 80
°C
SOD93
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
ISOTOP
600
A
SOD93
550
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2 x 60 A
VRRM
400 V
VF (max)
1.4 V
trr (max)
50 ns
MAIN PRODUCT CHARACTERISTICS
ISOTOP
TM
(Plastic)
K2
A2
A1
K1
BYT261PIV-400
A2
K1
A1
K2
BYT260PIV-400
TM: ISOTOP is a registered trademark of STMicroelectronics.
K
A
SOD93
(Plastic)


Similar Part No. - BYT60P-400

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYT60P-400 ISC-BYT60P-400 Datasheet
256Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - BYT60P-400

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com