Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7264 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7264
Description  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7264_V01 Datasheet HTML 4Page - STMicroelectronics TDA7264_V01 Datasheet HTML 5Page - STMicroelectronics TDA7264_V01 Datasheet HTML 6Page - STMicroelectronics TDA7264_V01 Datasheet HTML 7Page - STMicroelectronics TDA7264_V01 Datasheet HTML 8Page - STMicroelectronics TDA7264_V01 Datasheet HTML 9Page - STMicroelectronics TDA7264_V01 Datasheet HTML 10Page - STMicroelectronics TDA7264_V01 Datasheet HTML 11Page - STMicroelectronics TDA7264_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Mute and standby modes
TDA7264
8/14
Doc ID 1477 Rev 6
4
Mute and standby modes
Pin 4 (MUTE/STANDBY) controls the amplifier status by two different thresholds referenced
to +VS as given in Table 5 below. See also Table 4: Electrical specifications on page 3.
Figure 11.
Mute and standby thresholds on pin 4
Table 5.
Mute and standby thresholds on pin 5
Nominal voltage on pin 4,
VPIN4
Mode
Remarks
> +VS - 2.5 V
Standby
Output stages turned off
> +VS - 6.0 V, < +VS - 2.5 V
Mute
Output stages turned on, amplifiers muted
< +VS - 6.0 V
Play
Amplifiers active
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
20
+VS
(V)
-20
-VS
VIN
(mV)
Vpin4
(V)
VS
VS-2.5
VS-6
VS-10
Iq
(mA)
0
VOUT
(V)
D94AU084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com