Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7264 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7264
Description  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7264_V01 Datasheet HTML 6Page - STMicroelectronics TDA7264_V01 Datasheet HTML 7Page - STMicroelectronics TDA7264_V01 Datasheet HTML 8Page - STMicroelectronics TDA7264_V01 Datasheet HTML 9Page - STMicroelectronics TDA7264_V01 Datasheet HTML 10Page - STMicroelectronics TDA7264_V01 Datasheet HTML 11Page - STMicroelectronics TDA7264_V01 Datasheet HTML 12Page - STMicroelectronics TDA7264_V01 Datasheet HTML 13Page - STMicroelectronics TDA7264_V01 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package mechanical data
TDA7264
12/14
Doc ID 1477 Rev 6
Table 7.
Multiwatt8 package dimensions
Reference
Dimensions in mm
Dimensions in inches
Min
Typ
Max
Min
Typ
Max
A
--5.00
-
-
0.197
B
--2.65
-
-
0.104
C
--1.60
-
-
0.063
E
0.49
-
0.55
0.019
-
0.22
F
0.78
-
0.85
0.031
-
0.033
G
2.40
2.54
2.68
0.094
0.100
0.106
G1
17.64
17.78
17.92
0.694
0.700
0.706
H1
19.60
-
-
0.772
-
-
H2
-
-
20.20
-
-
0.787
L
20.35
-
20.65
0.801
-
0.813
L2
17.05
17.20
17.35
0.671
0.677
0.683
L3
17.25
17.50
17.75
0.679
0.689
0.699
L4
10.30
10.70
10.90
0.406
0.421
0.429
L7
2.65
-
2.90
0.104
-
0.114
N
---
--
-
N1
---
--
-
P
---
--
-
Q
---
--
-
R1
---
--
-
S
1.90
-
2.60
0.075
-
0.102
S1
1.90
-
2.60
0.075
-
0.102
U
0.40
-
0.55
0.016
-
0.022
V
-
5 deg
-
-
5 deg
-
Z
0.70
-
0.85
-
-
0.033
Diam.1
3.65
-
3.85
0.144
-
0.152
Diam.2
---
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com