Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7293 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7293_V01 Datasheet HTML 2Page - STMicroelectronics TDA7293_V01 Datasheet HTML 3Page - STMicroelectronics TDA7293_V01 Datasheet HTML 4Page - STMicroelectronics TDA7293_V01 Datasheet HTML 5Page - STMicroelectronics TDA7293_V01 Datasheet HTML 6Page - STMicroelectronics TDA7293_V01 Datasheet HTML 7Page - STMicroelectronics TDA7293_V01 Datasheet HTML 8Page - STMicroelectronics TDA7293_V01 Datasheet HTML 9Page - STMicroelectronics TDA7293_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical specifications
TDA7293
6/21
Doc ID 6744 Rev 8
Note:
Pin 11 only for modular connection. Max external load 1 M
Ω / 10 pF, only for test purposes
Figure 3.
Typical application PCB and component layout
Clip detector
Duty
Duty cycle ( pin 5)
d = 1%,
RPULLUP = 10 kΩ to 5 V
-10
-
%
d = 10%,
RPULLUP = 10 kΩ to 5 V
30
40
50
%
ICLEAK
-PO = 50 W
-
-
3
µA
Slave function pin 4 (ref. to pin 8)
VSlave
Slavethreshold
-
-
-
1
V
VMaster
Master threshold
-
3
-
-
V
1.
Tested with optimized applications board (see fig. 3)
2.
GVmin ≥ 26dB
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com