Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7293 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7293_V01 Datasheet HTML 13Page - STMicroelectronics TDA7293_V01 Datasheet HTML 14Page - STMicroelectronics TDA7293_V01 Datasheet HTML 15Page - STMicroelectronics TDA7293_V01 Datasheet HTML 16Page - STMicroelectronics TDA7293_V01 Datasheet HTML 17Page - STMicroelectronics TDA7293_V01 Datasheet HTML 18Page - STMicroelectronics TDA7293_V01 Datasheet HTML 19Page - STMicroelectronics TDA7293_V01 Datasheet HTML 20Page - STMicroelectronics TDA7293_V01 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TDA7293
Package mechanical data
Doc ID 6744 Rev 8
17/21
5
Package mechanical data
The TDA7293 comes with a choice of two 15-pin packages, Multiwatt15V and Multiwatt15H.
The package sizes and outline drawings are given below.
5.1
Vertically-mounted package
Figure 20.
Multiwatt15V package
OUTLINE AND
MECHANICAL DATA
0016036 J
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.87
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.73
5.08
5.43
0.186
0.200
0.214
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
Multiwatt15 (Vertical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com