Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7296 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7296 Datasheet HTML 9Page - STMicroelectronics TDA7296 Datasheet HTML 10Page - STMicroelectronics TDA7296 Datasheet HTML 11Page - STMicroelectronics TDA7296 Datasheet HTML 12Page - STMicroelectronics TDA7296 Datasheet HTML 13Page - STMicroelectronics TDA7296 Datasheet HTML 14Page - STMicroelectronics TDA7296 Datasheet HTML 15Page - STMicroelectronics TDA7296 Datasheet HTML 16Page - STMicroelectronics TDA7296 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Figure 17. Turn-ON/OFF suggested sequence
PLAY
OFF
ST-BY
MUTE
MUTE
ST-BY
OFF
D93AU013
5V
5V
+Vs
(V)
+35
-35
VMUTE
PIN #10
(V)
VST-BY
PIN #9
(V)
-Vs
VIN
(mV)
IP
(mA)
VOUT
(V)
In addition to the overload protection described above, the device features a thermal shutdown circuit, which
initially puts the device into a muting state (@ Tj = 145 °C) and then into standby (@ Tj = 150 °C).
Full protection against electrostatic discharges on every pin is included.
7.3
Other features
The device is provided with both standby and mute functions, independently driven by two CMOS logic
compatible input pins.
The circuits, dedicated to the switching on and off of the amplifier, have been carefully optimized to avoid any kind
of uncontrolled audible transient on the output.
The sequence we recommend during the ON/OFF transients is shown in Figure 16. Principle schematic of a
DMOS unity-gain buffer.
The application in Figure 18. Single signal standby/mute control circuit shows the possibility to use only one
command for both standby and mute functions.
On both pins, the maximum applicable range matches the operating supply voltage.
TDA7296
Other features
DS0179 - Rev 11
page 13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com