Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7296 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7296 Datasheet HTML 11Page - STMicroelectronics TDA7296 Datasheet HTML 12Page - STMicroelectronics TDA7296 Datasheet HTML 13Page - STMicroelectronics TDA7296 Datasheet HTML 14Page - STMicroelectronics TDA7296 Datasheet HTML 15Page - STMicroelectronics TDA7296 Datasheet HTML 16Page - STMicroelectronics TDA7296 Datasheet HTML 17Page - STMicroelectronics TDA7296 Datasheet HTML 18Page - STMicroelectronics TDA7296 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
8
Bridge application
Another application suggestion is the bridge configuration, where two TDA7296 are used, as shown by the
schematic diagram.
In this application, the value of the load must not be lower than 8 Ω for dissipation and current capability reasons.
A suitable field of application includes HI-FI/TV subwoofers realizations. The main advantages offered by this
solution are:
•
High power performance with limited supply voltage level
•
Considerably high output power even with high load values (i.e. 16 Ω)
The characteristics shown by Figure 21. Distortion vs. output power (Rl= 16 Ω) and Figure 22. Distortion vs.
output power ( VS= ± 18 V) , measured with loads respectively 8 Ω and 16 Ω.
With Rl= 8 Ω, VS = ±18 V the maximum output power obtainable is 60 W, while with Rl=16 Ω, Vs = ±24 V the
maximum Pout is 60 W.
Figure 19. Bridge application circuit
22K
0.56µF
2200µF
0.22µF
+
-
22µF
22K
680
22K
3
1
4
13
7
+Vs
Vi
5
1
8
2
14
6
10
9
+
-
3
0.56µF
22K
1
4
2
14
6
22µF
22K
680
10
9
22µF
15
8
-Vs
2200µF
0.22µF
22µF
20K
10K
30K
1N4148
ST-BY/MUTE
13
7
D93AU015A
TDA7296
Bridge application
DS0179 - Rev 11
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com