Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492MV Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7492MV
Description  50 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7492MV Datasheet HTML 4Page - STMicroelectronics TDA7492MV Datasheet HTML 5Page - STMicroelectronics TDA7492MV Datasheet HTML 6Page - STMicroelectronics TDA7492MV Datasheet HTML 7Page - STMicroelectronics TDA7492MV Datasheet HTML 8Page - STMicroelectronics TDA7492MV Datasheet HTML 9Page - STMicroelectronics TDA7492MV Datasheet HTML 10Page - STMicroelectronics TDA7492MV Datasheet HTML 11Page - STMicroelectronics TDA7492MV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical specifications
TDA7492MV
8/28
DocID16264 Rev 3
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical specifications
Unless otherwise stated, the results in Table 5 below are given for the conditions:
VCC =25V, RL (load) = 8 , ROSC = R3 = 39 k, C8 = 100 nF, f = 1 kHz, GV = 21.6 dB and
Tamb = 25 °C.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage for pins PVCC, SVCC
30
V
VI
Voltage limits for input pins
STBY, MUTE, INN, INP, GAIN0, GAIN1
-0.3 - 3.6
V
Top
Operating temperature
0 to 70
°C
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance, junction to case
-
2
3
°C/W
Table 5. Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply voltage for
pins PVCCA, PVCCB, SVCC
-10
-
26
V
Iq
Total quiescent current
Without LC
-
26
35
mA
IqSTBY
Quiescent current in standby
-
-
2.5
5.0
µA
VOS
Output offset voltage
Play mode
-100
-
100
mV
Mute mode
-60
-
60
IOCP
Overcurrent protection threshold RL = 0 
4.8
6.0
-
A
Tj
Junction temperature at thermal
shutdown
--
150
-
°C
Ri
Input resistance
Differential input
48
60
-
k
VOVP
Overvoltage protection threshold -
28
29
-
V
VUVP
Undervoltage protection
threshold
-
--7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com