Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492MV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7492MV
Description  50 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7492MV Datasheet HTML 1Page - STMicroelectronics TDA7492MV Datasheet HTML 2Page - STMicroelectronics TDA7492MV Datasheet HTML 3Page - STMicroelectronics TDA7492MV Datasheet HTML 4Page - STMicroelectronics TDA7492MV Datasheet HTML 5Page - STMicroelectronics TDA7492MV Datasheet HTML 6Page - STMicroelectronics TDA7492MV Datasheet HTML 7Page - STMicroelectronics TDA7492MV Datasheet HTML 8Page - STMicroelectronics TDA7492MV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
May 2020
DocID16264 Rev 3
1/28
TDA7492MV
50 W mono BTL class-D audio amplifier
Datasheet
- production data
Features
 50 W continuous output power: RL = 6 ,
THD = 10% at VCC = 25 V
 40 W continuous output power: RL = 8 ,
THD = 10% at VCC = 25 V
 Wide range single supply operation (10 - 26 V)
 High efficiency ( = 90%)
 Four selectable, fixed gain settings of
nominally 21.6 dB, 27.6 dB, 31.1 dB and
33.6 dB
 Differential inputs minimize common-mode
noise
 Standby and mute features
 Short-circuit protection
 Thermal-overload protection
 Externally synchronizable
Description
The TDA7492MV is a mono BTL class-D audio
amplifier with single power supply designed for
home systems and docking stations.
Thanks to the high efficiency and an
exposed-pad-down (EPD) package no heatsink is
required.
PowerSSO-36 with
exposed pad down
Table 1. Device summary
Order code
Operating temp. range
Package
Packaging
TDA7492MV13TR
0 to 70 °C
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - TDA7492MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
More results

Similar Description - TDA7492MV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
2.5 W BTL mono Class-D speaker amplifier
logo
STMicroelectronics
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com