Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC00 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD54AC00
Description  CDx4AC00 Quadruple 2-Input Positive-nand Gates
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54AC00 Datasheet(HTML) 4 Page - Texas Instruments

  CD54AC00 Datasheet HTML 1Page - Texas Instruments CD54AC00 Datasheet HTML 2Page - Texas Instruments CD54AC00 Datasheet HTML 3Page - Texas Instruments CD54AC00 Datasheet HTML 4Page - Texas Instruments CD54AC00 Datasheet HTML 5Page - Texas Instruments CD54AC00 Datasheet HTML 6Page - Texas Instruments CD54AC00 Datasheet HTML 7Page - Texas Instruments CD54AC00 Datasheet HTML 8Page - Texas Instruments CD54AC00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
IIK
Input clamp current
(VI < 0 or VI > VCC)(2)
±50
mA
IOK
Output clamp current
(VO < 0 or VO > VCC)(2)
±50
mA
IO
Continuous output current
(VO = 0 to VCC)
±50
mA
VCC or
GND
Continuous current
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
TA = 25 °C
-40°C TO 85°C
-55°C TO 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
1.5
5.5
1.5
5.5
1.5
5.5
V
VIH
High-level input voltage
VCC = 1.5 V
1.2
1.2
1.2
V
VCC = 3 V
2.1
2.1
2.1
VCC = 4.5 V
3.15
3.15
VCC = 5.5 V
3.85
3.85
3.85
VIL
Low-level input voltage
VCC = 1.5 V
0.3
0.3
0.3
V
VCC = 3 V
0.9
0.9
0.9
VCC = 4.5 V
1.35
1.35
VCC = 5.5 V
1.65
1.65
1.65
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level output current
VCC = 4.5 V to 5.5
V
-24
-24
-24
mA
IOL
Low-level output current
VCC = 4.5 V to 5.5
V
24
24
24
mA
Δt/Δv
Input transition rise or fall rate
VCC = 1.5 V to 3 V
50
50
50
ns/V
VCC = 3.6 V to 5.5
V
20
20
20
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4.3 Thermal Information
THERMAL METRIC
1
CD74AC00
UNIT
D (SOIC)
N (PDIP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
119.9
80
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
CD54AC00, CD74AC00
SCHS303D – JANUARY 2001 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC00 CD74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com