Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC00 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54AC00
Description  CDx4AC00 Quadruple 2-Input Positive-nand Gates
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54AC00 Datasheet(HTML) 5 Page - Texas Instruments

  CD54AC00 Datasheet HTML 1Page - Texas Instruments CD54AC00 Datasheet HTML 2Page - Texas Instruments CD54AC00 Datasheet HTML 3Page - Texas Instruments CD54AC00 Datasheet HTML 4Page - Texas Instruments CD54AC00 Datasheet HTML 5Page - Texas Instruments CD54AC00 Datasheet HTML 6Page - Texas Instruments CD54AC00 Datasheet HTML 7Page - Texas Instruments CD54AC00 Datasheet HTML 8Page - Texas Instruments CD54AC00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
-40°C TO 85 °C
-55 °C TO
125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
VI = VIH or VIL
IOH = -50 μΑ
1.5 V
1.4
1.4
1.4
V
3 V
2.9
2.9
2.9
4.5 V
4.4
4.4
4.4
IOH = -4 mA
3 V
2.58
2.48
2.4
IOH = -24 mA
4.5 V
3.94
3.8
3.7
IOH = -50 mA(1)
5.5 V
3.85
IOH = -75 mA(1)
5.5 V
3.85
VOL
VI = VIH or VIL
IOL = 50 μA
1.5 V
0.1
0.1
0.1
V
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
IOL = 12 mA
3 V
0.36
0.44
0.5
IOL = 24 mA
4.5 V
0.36
0.44
0.5
IOL = 50 mA(1)
5.5 V
1.65
IOL = 75 mA(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
80
μA
Ci
10
10
10
PF
(1)
Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage
to minimize power dissipation. Test verifies a minimum 50-Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive
capability at 125°C.
4.5 Switching Characteristics, VCC = 1.5V
over recommended operating free-air temperature range, VCC = 1.5V, CL = 50pF (unless otherwise noted) (see Load Circuit
and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
–40°C TO 85°C
–55°C TO 125°C
UNIT
MIN
MAX
MIN
MAX
tPLH
A or B
Y
83
91
ns
tPHL
83
91
4.6 Switching Characteristics, VCC = 3.3V ± 0.3V
over recommended operating free-air temperature range, VCC = 3.3V ± 0.3V, CL = 50pF (unless otherwise noted) (see Load
Circuit and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
–40°C TO 85°C –55°C TO 125°C
UNIT
MIN
MAX
MIN
MAX
tPLH
A or B
Y
2.7
9.3
2.6
10.2
ns
tPHL
2.7
9.3
2.6
10.2
www.ti.com
CD54AC00, CD74AC00
SCHS303D – JANUARY 2001 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54AC00 CD74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com