Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G373YZP Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC1G373YZP
Description  SN74LVC1G373 Single D-Type Latch With 3-State Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G373YZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G373YZP Datasheet HTML 9Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 10Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 11Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 12Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 13Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 14Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 15Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 16Page - Texas Instruments SN74LVC1G373YZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
13
SN74LVC1G373
www.ti.com
SCES528F – DECEMBER 2003 – REVISED MAY 2017
Product Folder Links: SN74LVC1G373
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Clamp Diodes
The inputs and outputs to this device have negative clamping diodes.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can
cause damage to the device. The input negative-voltage and output voltage ratings
may be exceeded if the input and output clamp-current ratings are observed.
Figure 5. Electrical Placement of Clamping Diodes for Each Input and Output
8.3.4 Partial Power Down (Ioff)
The inputs and outputs for this device enter a high impedance state when the supply voltage is 0 V. The
maximum leakage into or out of any input or output pin on the device is specified by Ioff in the Electrical
Characteristics.
8.3.5 Over-voltage Tolerant Inputs
Input signals to this device can be driven above the supply voltage so long as they remain below the maximum
input voltage value specified in the Absolute Maximum Ratings.
8.4 Device Functional Modes
Table 1 lists the functions of this device.
Table 1. Function Table
INPUTS
OUTPUT
Q
OE
LE
D
L
H
L
L
L
H
H
H
L
L
X
Q0
H
X
X
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com