Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND830MSP Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND830MSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND830MSP_V01 Datasheet HTML 2Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 3Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 4Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 5Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 6Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 7Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 8Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 9Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical specifications
VND830MSP
6/27
Doc ID 7379 Rev 5
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality document.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
- VCC
Reverse DC supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
-6
A
IIN
DC input current
+/-10
mA
ISTAT
DC Status current
+/-10
mA
VESD
Electrostatic discharge (human body model: R = 1.5 K
Ω;
C=100 pF)
– INPUT
–STATUS
– OUTPUT
–VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum switching energy
(L = 1.8 mH; RL = 0 Ω; Vbat = 13.5 V; Tjstart = 150 °C;
IL =9 A)
100
mJ
Ptot
Power dissipation (per island) at Tlead = 25 °C
73.5
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
Tstg
Storage temperature
-55 to 150
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com