Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND830MSP Datasheet(PDF) 8 Page - STMicroelectronics

Part # VND830MSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VND830MSP_V01 Datasheet HTML 4Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 5Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 6Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 7Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 8Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 9Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 10Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 11Page - STMicroelectronics VND830MSP_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
VND830MSP
8/27
Doc ID 7379 Rev 5
Note:
To ensure long term reliability under heavy overload or short circuit conditions, protection
and related diagnostic signals must be used together with a proper software strategy. If the
device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
Table 5.
Power output
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
Operating supply
voltage
5.5
13
36
V
VUSD
Undervoltage shutdown
3
4
5.5
V
VOV
Overvoltage shutdown
36
V
RON
On-state resistance
IOUT = 0.5 A; Tj = 25 °C
IOUT = 0.5 A; VCC > 8 V
60
120
m
Ω
m
Ω
IS
Supply current
Off-state; VCC = 13 V;
VIN = VOUT = 0 V
12
40
µA
Off-state; VCC = 13 V;
VIN = VOUT = 0 V; Tj = 25 °C
12
25
µA
On-state; VCC = 13 V; VIN = 5 V;
IOUT = 0 A
57
mA
IL(off1)
Off-state output current VIN = VOUT = 0 V
0
50
µA
IL(off2)
Off-state output current VIN = 0 V; VOUT = 3.5 V
-75
0
µA
IL(off3)
Off-state output current
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125 °C
5µA
IL(off4)
Off-state output current
VIN = VOUT = 0 V; VCC = 13 V;
Tj =25 °C
3µA
Table 6.
Protections
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
tSDL
Status delay in overload
conditions
Tj > TTSD
20
µs
Ilim
Current limitation
VCC = 13 V
6
9
15
A
5.5 V < VCC < 36 V
15
A
Vdemag
Turn-off output clamp voltage
IOUT = 2 A; L = 6 mH
VCC -
41
VCC -
48
VCC -
55
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com