Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3V341 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3V341
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V341 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3V341 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
P-0.2
07/05/06
PI3V341/PI3V341-A
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux Video Switch
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Off Isolation (VCC 3.3V, 25°C)
Crosstalk (VCC 3.3V, 25°C)
DIV
36.00
Start: 1 kHz
Stop: 500 MHz
Network
A:REF
0.000
[ dB ]
Cor
B:REF
180.0
[ deg ]
10,081,529.565 Hz
-66.5818 dB
deg
MKR
T / R
0
ABW: 300 Hz ST: 13.7 sec
-0dB
-10dB
-20dB
-30dB
-40dB
-50dB
-60dB
-70dB
-80dB
-90dB
-100dB
10 MHz
DIV
36.00
Start: 1 kHz
Stop: 500 MHz
Network
A:REF
0.000
[ dB ]
Cor
B:REF
180.0
[ deg ]
10,081,529.565 Hz
-66.5818 dB
deg
MKR
T / R
0
ABW: 300 Hz ST: 13.7 sec
-0dB
-10dB
-20dB
-30dB
-40dB
-50dB
-60dB
-70dB
-80dB
-90dB
-100dB
10 MHz
06-0198



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com