Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3V341 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3V341
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V341 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3V341 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
P-0.2
07/05/06
PI3V341/PI3V341-A
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux Video Switch
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Truth Table 1(1)
Enable
Select
EN0
S1
S0
YN
Function
H
X
X
Hi-Z
Disable
L
L
L
IN0
S1-S0 = 0
L
L
H
IN1
S1-S0 = 1
L
H
L
IN2
S1-S0 = 2
L
H
H
IN3
S1-S0 = 3
Block Diagram
���
��
��
��
��� ��� ��� ��� ��� ��� ���
��
��
��� ��� ��� ���
��
Notes:
1. N = A, B, C
06-0198



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com