Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6390 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6390
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Datasheet(HTML) 5 Page - STMicroelectronics

  L6390 Datasheet HTML 1Page - STMicroelectronics L6390 Datasheet HTML 2Page - STMicroelectronics L6390 Datasheet HTML 3Page - STMicroelectronics L6390 Datasheet HTML 4Page - STMicroelectronics L6390 Datasheet HTML 5Page - STMicroelectronics L6390 Datasheet HTML 6Page - STMicroelectronics L6390 Datasheet HTML 7Page - STMicroelectronics L6390 Datasheet HTML 8Page - STMicroelectronics L6390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID14493 Rev 11
5/25
L6390
Electrical data
25
3
Electrical data
3.1
Absolute maximum ratings
3.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min.
Max.
VCC
Supply voltage
- 0.3
21
V
VOUT
Output voltage
VBOOT - 21
VBOOT + 0.3
V
VBOOT
Bootstrap voltage
- 0.3
620
V
Vhvg
High-side gate output voltage
VOUT - 0.3
VBOOT + 0.3
V
Vlvg
Low-side gate output voltage
- 0.3
VCC + 0.3
V
VOP+
Op amp non-inverting input
- 0.3
VCC + 0.3
V
VOP-
Op amp inverting input
- 0.3
VCC + 0.3
V
VCP+
Comparator input voltage
- 0.3
VCC + 0.3
V
Vi
Logic input voltage
- 0.3
15
V
Vod
Open drain voltage
- 0.3
15
V
dVOUT/dt Allowed output slew rate
-
50
V/ns
Ptot
Total power dissipation (TA = 25 °C)
-
800
mW
TJ
Junction temperature
-
150
°C
Tstg
Storage temperature
-50
150
°C
ESD
Human body model
2
kV
Table 3. Thermal data
Symbol
Parameter
SO-16
Unit
Rth(JA)
Thermal resistance junction to ambient
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com