Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7578SPW Datasheet(PDF) 35 Page - Texas Instruments

Part # DAC7578SPW
Description  8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7578SPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC7578SPW Datasheet HTML 31Page - Texas Instruments DAC7578SPW Datasheet HTML 32Page - Texas Instruments DAC7578SPW Datasheet HTML 33Page - Texas Instruments DAC7578SPW Datasheet HTML 34Page - Texas Instruments DAC7578SPW Datasheet HTML 35Page - Texas Instruments DAC7578SPW Datasheet HTML 36Page - Texas Instruments DAC7578SPW Datasheet HTML 37Page - Texas Instruments DAC7578SPW Datasheet HTML 38Page - Texas Instruments DAC7578SPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DAC5578
DAC6578
DAC7578
www.ti.com
SBAS496B – MARCH 2010 – REVISED AUGUST 2012
Table 14. Control Matrix for Write Commands (see Table 10, Table 11, and Table 12 for 8-bit, 10-bit, and 12-bit mapping) (continued)
COMMAND AND ACCESS BYTE
MOST SIGNIFICANT DATA BYTE
LEAST SIGNIFICANT DATA BYTE
DESCRIPTION
C3
C2
C1
C0
A3
A2
A1
A0
DATA[7:0]
X
X
X
X
X
X
X
X
General data format for 8-bit DAC5578
C3
C2
C1
C0
A3
A2
A1
A0
DATA[9:2]
D1
D0
X
X
X
X
X
X
General data format for 10-bit DAC6578
C3
C2
C1
C0
A3
A2
A1
A0
DATA[11:4]
D3
D2
D1
D0
X
X
X
X
General data format for 12-bit DAC7578
0
0
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Invalid code, no action performed
Broadcast mode, write to all input registers and update
0
0
1
1
1
1
1
1
Data[11:4]
Data[3:0]
X
X
X
X
all DAC registers
Write to Selected DAC Input Register and Update All DAC Registers (Global Software LDAC)
Write to DAC input register for channel A and update all
0
0
1
0
0
0
0
0
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel B and update all
0
0
1
0
0
0
0
1
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel C and update all
0
0
1
0
0
0
1
0
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel D and update all
0
0
1
0
0
0
1
1
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel E and update all
0
0
1
0
0
1
0
0
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel F and update all
0
0
1
0
0
1
0
1
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel G and update all
0
0
1
0
0
1
1
0
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
Write to DAC input register for channel H and update all
0
0
1
0
0
1
1
1
Data[11:4]
Data[3:0]
X
X
X
X
DAC registers
0
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Invalid code, no action performed
Broadcast mode, write to all input registers and update
0
0
1
0
1
1
1
1
Data[11:4]
Data[3:0]
X
X
X
X
all DAC registers
Power-Down Register
0
1
0
0
X
X
X
X
X
PD1
PD0
DAC H
DAC G
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
X
X
X
X
X
0
1
0
0
X
X
X
X
X
0
0
DAC H
DAC G
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
X
X
X
X
X
Each DAC bit set to '1' powers on selected DACs
Each DAC bit set to '1' powers down selected DACs.
0
1
0
0
X
X
X
X
X
0
1
DAC H
DAC G
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
X
X
X
X
X
VOUT connected to GND through 1kΩ pull-down resistor
Each DAC bit set to '1' powers down selected DACs.
0
1
0
0
X
X
X
X
X
1
0
DAC H
DAC G
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
X
X
X
X
X
VOUT connected to GND through 100kΩ pull-down
resistor
Each DAC bit set to '1' powers down selected DACs.
0
1
0
0
X
X
X
X
X
1
1
DAC H
DAC G
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
X
X
X
X
X
VOUT is High Z
Clear Code Register
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
CL1
CL0
X
X
X
X
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
X
X
X
X
Write to clear code register, CLR pin clears to zero scale
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
Write to clear code register, CLR pin clears to midscale
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
0
X
X
X
X
Write to clear code register, CLR pin clears to full scale
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
1
X
X
X
X
Write to clear code register disables CLR pin
LDAC Register
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): DAC5578 DAC6578 DAC7578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com