Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7578SPW Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC7578SPW
Description  8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7578SPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7578SPW Datasheet HTML 35Page - Texas Instruments DAC7578SPW Datasheet HTML 36Page - Texas Instruments DAC7578SPW Datasheet HTML 37Page - Texas Instruments DAC7578SPW Datasheet HTML 38Page - Texas Instruments DAC7578SPW Datasheet HTML 39Page - Texas Instruments DAC7578SPW Datasheet HTML 40Page - Texas Instruments DAC7578SPW Datasheet HTML 41Page - Texas Instruments DAC7578SPW Datasheet HTML 42Page - Texas Instruments DAC7578SPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Amplifier
Resistor
String
DAC
Power-Down
Circuitry
Resistor
Network
V
X
OUT
DAC5578
DAC6578
DAC7578
www.ti.com
SBAS496B – MARCH 2010 – REVISED AUGUST 2012
For example: C3, C2, C1, and C0 = '0100' and DB14
code determined by the clear code register. The clear
and DB13 = '11' represent a power-down condition
code register can be written to by applying the
with High-Z output impedance for a selected channel.
commands showed in Table 14. The default setting of
DB14 and DB13 = '01' represents a power-down
the clear code register sets the output of all DAC
condition with 1k
Ω output impedance, while DB14
channels to 0V when the CLR pin is brought low. The
and DB13 = '10' represents a power-down condition
CLR pin is falling-edge triggered; therefore, the
with 100k
Ω output impedance.
device exits clear code mode on the falling edge of
the acknowledge signal that follows LSDB of the next
Table 16. DAC Operating Modes
write sequence. If the CLR pin is executed (brought
low) during a write sequence, this write sequence is
PD1
PD0
aborted and the DAC registers and DAC buffers are
(DB14)
(DB13)
DAC OPERATING MODES
cleared as described above.
0
0
Power on selected DACs
When performing a software reset of the device, the
0
1
Power down selected DACs, 1k
Ω to GND
clear code register is reset to the default mode (DB5
1
0
Power down selected DACs, 100k
Ω to GND
= '0', DB4 = '0'). Setting the clear code register to
1
1
Power down selected DACs, High-Z to GND
DB4 = '1' and DB5 = '1' ignores any activity on the
external CLR pin.
Spacer
SOFTWARE RESET FUNCTION
The DACx578 contains a software reset feature.
When the software reset feature is executed, the
device (all DAC channels) are reset to the power-on
reset code. All registers inside the device are reset to
the respective default settings. The DACx578 has an
additional feature of switching straight to high speed
mode after reset. Table 17 shows all the different
modes of the software reset function.
Table 17. Software Reset Modes
DB15
DB14
OPERATING MODES
Default Software reset. Equivalent to Power-
Figure 117. Output Stage During Power-Down
0
0
on-Reset
Software reset and set part in High Speed
x
1
Mode
CLEAR CODE REGISTER AND CLR PIN
Software reset and maintain High Speed
1
0
The DACx578 contains a clear code register. The
Mode state
clear code register can be accessed via the serial
interface (I2C) and is user configurable. Bringing the
CLR pin low clears the contents of all DAC registers
and all DAC buffers and replaces the code with the
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC5578 DAC6578 DAC7578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com