Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 51Page - STMicroelectronics L9678P Datasheet HTML 52Page - STMicroelectronics L9678P Datasheet HTML 53Page - STMicroelectronics L9678P Datasheet HTML 54Page - STMicroelectronics L9678P Datasheet HTML 55Page - STMicroelectronics L9678P Datasheet HTML 56Page - STMicroelectronics L9678P Datasheet HTML 57Page - STMicroelectronics L9678P Datasheet HTML 58Page - STMicroelectronics L9678P Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 215 page
background image
DS11626 Rev 9
55/216
L9678P, L9678P-S
SPI interface
214
6
ERSTATE
0
0
0
Set when Power mode state machine is in ER state
0 Power mode state machine is not in ER state
1 Power mode state machine is in ER state
5 POWERFLT
0
0
0
Fault present in Power State Register, logical OR between bits from 18 to
9 of POWER_STATE Register
0 All the bits from 18 to 9 in the POWER_STATE Registers are 0s
1 At least one of the bits from 18 to 9 in the POWER_STATE Registers is 1
4
FLT
1
1
1
Fault present in Fault Status Register (FLTSR), logical OR between all bits
of FLTSR
0 All the bits in the Fault Status Register (FLTSR) are 0s
1 At least one of the bits in the Fault Status Register (FLTSR) is 1
3 CONVRDY2
0
0
0
ADC Conversion of request 3 or 4 has been completed so new results are
available
0 No new data available
1 New data available
2 CONVRDY1
0
0
0
ADC Conversion of request 1 or 2 has been completed so new results are
available
0 No new data available
1 New data available
1
ERR_WID
0
0
0
Write address of previous SPI frame is not permitted in current operating
phase (INIT, DIAG, SAFING, SCRAP, ARMING)
0 No Error
1 Error
0
ERR_RID
0
0
0
Read address received in the actual SPI frame is unused so data in the
response is don't care
0 No Error
1 Error
Table 7. Global status word (GSW) (continued)
Bit
Name
POR WSM SSM
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com