Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 9Page - STMicroelectronics L9678P Datasheet HTML 10Page - STMicroelectronics L9678P Datasheet HTML 11Page - STMicroelectronics L9678P Datasheet HTML 12Page - STMicroelectronics L9678P Datasheet HTML 13Page - STMicroelectronics L9678P Datasheet HTML 14Page - STMicroelectronics L9678P Datasheet HTML 15Page - STMicroelectronics L9678P Datasheet HTML 16Page - STMicroelectronics L9678P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 215 page
background image
DS11626 Rev 9
13/216
L9678P, L9678P-S
Absolute and operative maximum ratings
214
2
Absolute and operative maximum ratings
2.1
Absolute maximum ratings
Warning: This part may be irreparably damaged if taken outside the
specified absolute maximum ratings. Operation above the
absolute maximum ratings may also cause a decrease in
reliability.
Table 1. Absolute maximum ratings
Pin #
Pin name
Pin function
Min.
Max.
Unit
1
RESET
Reset output
-0.3
VDDQ+0.3 6.5
V
2
SPI_MISO
SPI interface data out / Safing sensor data in
-0.3
VDDQ+0.3 6.5
V
3
SPI_MOSI
SPI interface data in
-0.3
VDDQ+0.3 6.5
V
4
SPI_SCK
SPI interface clock
-0.3
VDDQ+0.3 6.5
V
5
SPI_CS
SPI interface chip select
-0.3
VDDQ+0.3 6.5
V
6
WDT/TM
Watchdog disable (Not for application)
-0.3
20
V
7
VDD3V3
3.3 V regulator output
-0.3
4.6
V
8
NC
Not connected (1)
-
-
-
9
CVDD
Internal 3.3 V regulator output
-0.3
4.6
V
10
GNDD
Digital ground
-0.3
0.3
V
11
SR0
Squib/pyroswitch 0 low-side pin
-0.3
40
V
12
SF0
Squib/pyroswitch 0 high-side pin
-1.0
40
V
13
SG01
Squib/pyroswitch 0 & 1 deployment ground pin
-0.3
0.3
V
14
SS01
Squib/pyroswitch 0 & 1 deployment supply pin
-0.3
40
V
15
SF1
Squib/pyroswitch 1 high-side pin
-1.0
40
V
16
SR1
Squib/pyroswitch 1 low-side pin
-0.3
40
V
17
DCS3
Sensor switch interface channel 3
-1.0
40
V
18
DCS2
Sensor switch interface channel 2
-1.0
40
V
19
DCS1
Sensor switch interface channel 1
-1.0
40
V
20
DCS0
Sensor switch interface channel 0
-1.0
40
V
21
VRESDIAG
Diagnostic supply input.
It can be connected either to ERBOOST or VSUP
or VIN
-0.3
40
V
22
RSU0/NC
PSI-5 Ch. 0 remote sensor output (only L9678P-
S), NC on L9678P
-1.0
40
V
23
RSU1/NC
PSI-5 Ch. 1 remote sensor output (only L9678P-
S), NC on L9678P
-1.0
40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com