Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 118 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 118 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 114Page - STMicroelectronics L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 215 page
background image
Deployment drivers
L9678P, L9678P-S
118/216
DS11626 Rev 9
6.1.3
Deployment control flow
Deployment control logic requires the following conditions to be true to successfully operate
a deployment:
POR = 1
SSM to be either in Safing State or Arming State
a valid arming condition processed by safing logic or FENH and FENL signals to be set
(depending on selection of internal or external safing engine)
channel-specific deploy command request bits to be set via SPI in the Deploy
command Register (DEPCOM)
a global deployment state has to be active, as described in the following figure.
Figure 24. Global SPI deployment enable state diagram
In case a multiple deployment request would be needed, i.e. deploying the same channel in
sequence, a toggle on DEP_DISABLED has to be performed and a new DEPCOM
command on the same channel has to be sent.
The SPI DEPCOM command is ignored if the device is in the DEP_DISABLED state and the
deploy command is not set. While in DEP_ENABLED state, the following functionalities that
could be active are forced to their reset state:
All squib/pyroswitch and DC sensor diagnostic current or voltage sources
All squib/pyroswitch, DC sensor and ADC diagnostic mux settings, state machine, etc.
The SPI_LOCK and SPI_UNLOCK signals are available in the SPIDEPEN command:
High-side and Low-side enablers by internal/external safing are global and apply to all
channels. The Deploy commands in the Deploy Command Register (DEPCOM) are channel
specific.
Deployment requires a valid arming command from safing logic or the FENH and FENL
signals to be set any time before, during or after the specific sequence of deploy commands
is received. It is feasible for a deploy command to be received without a valid arming
command from safing logic or the FENH and FENL being set. In this case, the deploy
command will be terminated according to the Deploy Command Expiration Timer described
in Section 6.1.2. Likewise, a valid arming command or the FENH and FENL signals can be
set without receiving a Deploy Command. In this case, the enabling signals will remain
active according to the Arming Enable Pulse Stretch Timer or the FENx enabling state. The
Arming Enable Pulse Stretch Timers is available in the AEPSTS register.
GAPGPS01127
DEP_ENABLED
DEP_DISABLED
SPI_SPIDEPEN(DEPEN_WR)
=
UNLOCK
SSM_Reset
SPI_SPIDEPEN(DEPEN_WR)
=
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com