Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 131 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 127Page - STMicroelectronics L9678P Datasheet HTML 128Page - STMicroelectronics L9678P Datasheet HTML 129Page - STMicroelectronics L9678P Datasheet HTML 130Page - STMicroelectronics L9678P Datasheet HTML 131Page - STMicroelectronics L9678P Datasheet HTML 132Page - STMicroelectronics L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 215 page
background image
DS11626 Rev 9
131/216
L9678P, L9678P-S
Remote sensor interface
214
An example of the data format for one possible PSI-5 protocol configuration is shown below.
Data size may vary, but the presence of 2 sync start bits (referenced below as sync bits) and
TGap time is consistent regardless of the data size.
Figure 32. PSI-5 remote sensor protocol (10-bit, 1-bit parity)
7.1.1
Functional description - remote sensor modes
The Remote sensor Interface block provides a hardware connection between the
microcontroller and up to two remote sensors. Each channel is independent of the other,
and is not influenced by fault conditions, such as short circuits to ground or vehicle battery,
on the other channel. Each channel supplies an independently current limited DC voltage to
its remote sensor derived from VSUP, and monitors the current draw to extract encoded
data. The remote sensors modulate the current draw to transmit Manchester-encoded data
back to the receiver. The current level detection threshold for all channels is automatically
set by the integrated current adjust feature in order to adapt to the quiescent current draw of
the sensors.
All channels can be enabled or disabled independently via SPI commands. The operational
status of all channels can also be read via SPI command.
The message bits are encoded using a Manchester format, in which logic values are
determined by a current transition in the middle of the bit time. The interface supports
Manchester 2 encoding as shown in Figure 33.
Figure 33. Manchester bit encoding
The received message data are stored in input data registers that are read out by the
microcontroller via the SPI interface. All bits of these registers are simultaneously updated
upon reception of the remote sensor message to prevent partial frame data from being
sampled via the SPI interface. After the data for a given channel is read via the SPI
GAPGPS01132
Data Transmission
Manchester Code
Transmission of 0x1E7
0x1E7 = 01 1110 0111b
frame duration
T
BIT
T
GAP
S1
"0"
S2
"0"
D0
"1"
D1
"1"
D2
"1"
D3
"0"
D4
"0"
D5
"1"
D6
"1"
D7
"1"
D8
"1"
D9
"0"
P
"1"
GAPGPS01133
Logic '0'
Logic '1'
Manchester-2
PSI5
Bit time
‘0’
‘0’
‘1’
‘0’
‘1’
Current
Start bits = ’00’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com