Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 137 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 133Page - STMicroelectronics L9678P Datasheet HTML 134Page - STMicroelectronics L9678P Datasheet HTML 135Page - STMicroelectronics L9678P Datasheet HTML 136Page - STMicroelectronics L9678P Datasheet HTML 137Page - STMicroelectronics L9678P Datasheet HTML 138Page - STMicroelectronics L9678P Datasheet HTML 139Page - STMicroelectronics L9678P Datasheet HTML 140Page - STMicroelectronics L9678P Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 215 page
background image
DS11626 Rev 9
137/216
L9678P, L9678P-S
Watchdog timer
214
8
Watchdog timer
This device offers a watchdog implementation by means of a temporal WD. Window times
are SPI programmable and a couple of specific codes has to be written within this window in
order to serve the WD control.
8.1
Temporal watchdog
The temporal watchdog ensures the system software is operating correctly by requiring
periodic service from the microcontroller at a programmable rate. This service (watchdog
refresh) must occur within a time window, and if serviced too early or too late will enter an
error state (WD1_ERROR) reported via the WD1_WDR bit of the FLTSR register.
The overall WD1 functionality is described in the state diagram reported in Figure 36.
Figure 36. Watchdog state diagram
GAPGPS01135
WD1 INITIAL
WD1 RUN
WD1 TEST
SPI WD1_TEST /
WD1 refresh OK /
WD1_WDR=0
WD1_ERR_TH_WE=0
If (WD1_ERR_CNT<WD1_ERR_TH)
WD1_LOCKOUT=0
WD1 refresh OK /
WD1 RESET
WD1_ERROR /
WD1_ERROR /
WD1_LOCKOUT=1
WD1_ERR_CNT++
WD1
OVERRIDE
WDT/TM>VWD_OVERRIDE AND
SPI WD1_TEST
WD1_LOCKOUT=0
WSM_Reset
(From any state) /
WD1_LOCKOUT=1
WD1_WDR=0
WD1_ERR_CNT=0
WD1_ERR_TH_WE=1
1ms /
WD1_WDR=1
500ms AND
WD1_TOVR=0 /
WD1_LOCKOUT=1
WD1_ERR_CNT++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com