Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 157 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 157 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics L9678P Datasheet HTML 157Page - STMicroelectronics L9678P Datasheet HTML 158Page - STMicroelectronics L9678P Datasheet HTML 159Page - STMicroelectronics L9678P Datasheet HTML 160Page - STMicroelectronics L9678P Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 215 page
background image
DS11626 Rev 9
157/216
L9678P, L9678P-S
Safing logic
214
Figure 49. Safing engine diagnostic logic
A configurable mask for each internal ARMxINT signal is available for all of the integrated
deployment loops (refer to ARMx assignment registers (LOOP_MATRIX_ARMx) on
page 102). The un-masked ARMxINT signal for each loop will enable the respective loop
drivers (refer to Figure 21).
Activation of VSF (regulation rail for High Side Safing FET) occurs upon ARMxINT or
FENH/FENL, depending on SPI configuration (refer to Figure 17). Actual High Side Safing
FET activation still requires microcontroller signal.
L9678P is able to provide arming signals to external deployment loops by means of the
discrete output ARM pin. The ARM pin can either output an arming signal generated by the
integrated safing engine or an arming signal made by the combination of FENH and FENL
input signals, coming from external safing logic.
Figure 50. ARM output control logic
GAPGPS01651
SPI Decode /
Threshold
Compare
SCLK_G
MOSI_G
MISO_G
CS_G
SAF_CS0
SAF_CS1
Pulse
Stretch
DSTEST(VSF)
DIAG STATE
DSTEST(ARM)
ARM1INT
ARMING STATE
ARM2INT
DSTEST(PULSE)
CH1PULSE
CH4PULSE
CH2PULSE
CH3PULSE
GAPGPS01658
ARM
WD1_LOCKOUT
SSM_RESET
ARM1INT
WD1_RUN
Safing
Engine
WD1_OVERRIDE
ARM2INT
FENL
FENH
0
1
SAFESEL
ARM_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com