Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 184 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 184 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
184/216
DS11626 Rev 9
16.11
COVRACT
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD1(max)  VIN  35 V, VDDx(min)  VDDx  VDDx(max),
VDDQ = VDD5 or VDD3V3
16.12
VDD5 regulator
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD1(max)  VIN  35 V.
Table 34. COVRACT DC Specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
1
VOH_COVRACT
COVRACT output voltage
ILOAD = -0.5 mA
VDDQ
-0.6
-
VDDQ
V
2
VOL_COVRACT
ILOAD = 2.0 mA
0
-
0.4
V
Table 35. COVRACT AC specifications
N°
Symbol
Parameter
Condition
Min.
Typ. Max. Unit
1 TRISE_COVRACT Rise time
80pF load, 20%-80%
-
-
0.5
µs
2 TFALL_COVRACT Fall time
80pF load, 20%-80%
-
-
0.5
µs
Table 36. VDD5 regulator DC specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
1
VO_VDD5
Output voltage
Across all line and load,
steady state
4.85
5
5.15
V
2
IO_BVDD5
Base driver current limit
VDD5 > VDD5UVL
4
7
10
mA
3
IO_BVDD5_LOW
Base driver current limit
Low level
VDD5 < VDD5UVL
2
-
5
mA
4
IO_VDD5
Output load current
-
0.5
-
200
mA
5
dVSR_ac
Line transient response
All load IO_VDD5;
VIN=6V to 18V @ dt = 1 µs;
Design Info
4.5
-
5.5
V
6
dVLR_ac
Load transient response
All line;
IO_VDD5= 1mA to 100mA
@dt = 1 µs;
Design Info
4.5
-
5.5
V
7
IOF_VDD5
Open feedback current on
VDD5
Active only during
VDD5_rampup state
55
80
105
µA
8
VDD5OV
Over voltage detection
-
5.2
-
5.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com