Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 189 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 189 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 215 page
background image
DS11626 Rev 9
189/216
L9678P, L9678P-S
Electrical characteristics
214
16.16
Deployment drivers
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD1(max)  VIN  35 V, 6 V  SSxy  35 V, SSxy - SFx  25 V.
Table 47. Deployment drivers - DC specifications
N°
Symbol
Parameter
Condition
Min.
Typ. Max. Unit
1
IDEPL_LO
Deployment
current
R = 2 ohms
Considering 9mA as not
detected leakage with a 1kOhm
equivalent resistance from SFx
to GND
1.33
1.4
1.55
A
2
IDEPL_HI
R = 2 ohms, 9 V  SSxy
Considering 13.5 mA as not
detected leakage with a 1 kΩ
equivalent resistance from SFx
to GND, Not available with tdepl
= 2 ms selection
1.94
1.99
2.2
A
3
IOC_SR
Low side over
current detection -
2.2
3.1
4
A
4
ILIM_SR
Low side current
limitation
-
2.2
3.1
4
A
5
ILIM_OC_SR
Difference
between current
limitation and OC
threshold
ILIM_SR - IOC_SR
0.1
-
-
mA
6
RDSONT
Total high and
low side MOS on
resistance
Ta = 95 °C
-
-
2
Ω
7
IRV_SF
Reverse current
on SFx
Without device malfunction (1)
Not to be tested in series
production
-
-
-100
mA
8
ILKG_SS_OFF
SSxy leakage
current
Device OFF
SSxy ≤ 35V
SFx = SFy = 0
-10
-
10
µA
9
ILKG_SS_ON
Device ON
SSxy ≤ 35V
SFx = 0
46
66
86
µA
10 ILKG_SS_CH_ARMED
Device ON
One channel armed
SSxy ≤ 35V
SFx = 0
410
490
570
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com