Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679E Datasheet(PDF) 114 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 110Page - STMicroelectronics L9679E Datasheet HTML 111Page - STMicroelectronics L9679E Datasheet HTML 112Page - STMicroelectronics L9679E Datasheet HTML 113Page - STMicroelectronics L9679E Datasheet HTML 114Page - STMicroelectronics L9679E Datasheet HTML 115Page - STMicroelectronics L9679E Datasheet HTML 116Page - STMicroelectronics L9679E Datasheet HTML 117Page - STMicroelectronics L9679E Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 127 page
background image
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
IQ
Intra-queue settling time
-
-
3.5
-
µs
Post-ADC
Post- ADC settling time
-
-
3.44
-
µs
-
ADC conversion time - voltage
4x sampling for each of the 4 conversions in the
queue Design info
-
54.75
µs
-
ADC conversion time – current and voltage
8x sampling for DCS, temperature and squib/
pyroswitch loop resistance measurements + 4x
sampling for remaining 2 conversions in the queue
Design info
-
51.25
-
µs
1. LSB = (2.5 V / 1024) = 2.44 mV
13.12
Voltage diagnostics (Analog MUX)
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ 17.5 V
Table 37. Voltage diagnostics (Analog MUX)
Symbol
Parameter
Comments / Conditions
Min Typ Max Units
Ratio_1
Divider ratios
VIN_RANGE_1 = 0.1 V … 2.5 V
-
1
-
V/V
Ratio_4
Divider ratios
VINPUT_RANGE_4 = 1 V … 5.5 V
-3%
4
+3%
V/V
Ratio_7
Divider ratios
VINPUT_RANGE_7 = 1.5 V … 17.5 V
-3%
7
+3%
V/V
Ratio_10
Divider ratios
VINPUT_RANGE_10 = 2 V … 25 V
-3% 10 +3%
V/V
Ratio_15
Divider ratios
VINPUT_RANGE_15 = 3 V … 35 V
-3% 15 +3%
V/V
Offset
Divider offset
High impedance
-10
-
10
mV
RRATIO_4
Multiplexer input resistance
Multiplexer input to GNDA
80
-
-
kΩ
RRATIO_7
Multiplexer input resistance
Multiplexer input to GNDA
120
-
-
kΩ
RRATIO_10
Multiplexer input resistance
Multiplexer input to GNDA
160
-
-
kΩ
RRATIO_15
Multiplexer input resistance
Multiplexer input to GNDA
200
-
-
kΩ
ILEAK_MUX_ON
Additional multiplexer ON-state input
leakage current
For all divider ratio expect Ratio_1
-
-
60
µA
VMEAS_ACC
Voltage measurement accuracy
ADC total error (±15LSB) plus analog divider error (±3%)
-
-
-
-
13.13
Temperature sensor
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ 17.5 V
Table 38. Temperature sensor specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
TMON_RANGE
Monitoring temperature range
-
-40
-
150
°C
TMON_ACC
Monitoring temperature accuracy
-
-15
-
15
°C
L9679E
Electrical characteristics
DS12485 - Rev 8
page 114/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com