Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679E Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 22Page - STMicroelectronics L9679E Datasheet HTML 23Page - STMicroelectronics L9679E Datasheet HTML 24Page - STMicroelectronics L9679E Datasheet HTML 25Page - STMicroelectronics L9679E Datasheet HTML 26Page - STMicroelectronics L9679E Datasheet HTML 27Page - STMicroelectronics L9679E Datasheet HTML 28Page - STMicroelectronics L9679E Datasheet HTML 29Page - STMicroelectronics L9679E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
6.3
Global SPI tables
A summary of all the registers contained within the global SPI map is shown below and is referenced throughout
the specification as they apply. The SPI register tables also specify the effect of the internal reset signals
assertion on each bit field.
Note:
The symbol ‘-‘ is used to indicate that the register is not affected by the relevant reset signal.
6.3.1
Global SPI global status word
The Global SPI frame contains an 11-bit word that returns global status information. The Global Status Word
(GSW) of the Global SPI is the most significant 11 bits of MISO_G data.
Table 8. Global SPI global status Word
MISO_G GSW
Name
POR WSM SSM
Description
31
10
SPIFLT
0
0
0
SPI Fault, set if previous SPI frame had wrong parity check or wrong number of bits,
cleared upon read
0: No fault
1: Fault
30
9
DEPOK
0
0
0
General Deployment Successful Flag, logical OR of the corresponding CHxDS bits (bit
15) in DSRx Registers
0: All the DSRx-CHDS bits are 0
1: At least one of the DSRx-CHDS bits is 1
29
8
0
0
0
Unused
28
7
0
0
0
Unused
27
6
0
0
0
Unused
26
5
POWERFLT
0
0
0
Fault present in Power State Register, logical OR between bits from 15 to 14 of
POWER_STATE Register
0: All the bits from 15 to 14 in the POWER_STATE Registers are 0s
1: At least one of the bits from 15 to 14 in the POWER_STATE Registers is 1
25
4
FLT
1
1
1
Fault present in Fault Status Register (FLTSR), logical OR between all bits of FLTSR
0: All the bits in the Fault Status Register (FLTSR) are 0s
1: At least one of the bits in the Fault Status Register (FLTSR) is 1
24
3
CONVRDY2
0
0
0
ADC Conversion of request C or D has been completed so new results are available
0: No new data available
1: New data available
23
2
CONVRDY1
0
0
0
ADC Conversion of request A or B has been completed so new results are available
0: No new data available
1: New data available
22
1
ERR_WID
0
0
0
Write address of previous SPI frame is not permitted in current operating phase
0: No Error
1: Error
21
0
ERR_RID
0
0
0
Read address received in the actual SPI frame is unused so data in the response is don't
care
0: No Error
1: Error
L9679E
SPI interface
DS12485 - Rev 8
page 26/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com