Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679E Datasheet(PDF) 99 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 95Page - STMicroelectronics L9679E Datasheet HTML 96Page - STMicroelectronics L9679E Datasheet HTML 97Page - STMicroelectronics L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 127 page
background image
Table 22. Internal regulators AC specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
TFLT_ VINT_CVDD_OV
Internal regulator over voltage
deglitch filter time
-
10
17
25
µs
TFLT_VINT_CVDD_UV
Internal regulator under voltage
deglitch filter time
-
10
17
25
µs
13.4
Oscillators
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
Table 23. Oscillators AC specifications
Symbol
Parameter
Conditions / Comments
Min
Typ
Max
Unit
fOSC
Main oscillator average
frequency
-
15.2
16
16.8
MHz
fMOD_OSC
Main oscillator modulation
frequency
SPI_CLK_CNF
(MAIN_SS_DIS=0) Design
Info
fOSC(min)/128
fOSC(typ)/128
fOSC(max)/128
MHz
IMOD_OSC
Main oscillator modulation
index
SPI_CLK_CNF
(MAIN_SS_DIS=0)
2
4
6
%
fAUX
Aux oscillator average
frequency
-
7.125
7.5
7.875
MHz
fMOD_AUX
Aux oscillator modulation
frequency
SPI_CLK_CNF
(AUX_SS_DIS=0) Design
Info
fAUX(min)/128
fAUX(typ)/128
fAUX(max)/128
MHz
IMOD_AUX
Aux oscillator modulation
index
SPI_CLK_CNF
(AUX_SS_DIS=0)
2
4
6
%
fOSC_LOW_TH
Main oscillator low
frequency detection
threshold
-
fAUX(min)*(128/174) fAUX(typ)*(128/174) fAUX(max)*(128/174) MHz
L9679E
Electrical characteristics
DS12485 - Rev 8
page 99/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com