Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679E Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 97Page - STMicroelectronics L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics L9679E Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 127 page
background image
Table 26. SPI AC specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
FSCLK
SPI transfer frequency
-
-
8
8.08
MHz
tSCLK
SCLK_x period
-
123.8
-
-
ns
tLEAD
Enable lead time
-
250
-
ns
tLAG
Enable lag time
-
50
-
-
ns
tHIGH_SCLK
SCLK_x high time (5)
-
40
-
-
ns
tLOW_SCLK
SCLK_x low time
-
40
-
-
ns
tSETUP_MOSI
MOSI_x input setup time
-
20
-
-
ns
tHOLD_MOSI
MOSI_x input hold time
-
20
-
-
ns
tACC_MISO
MISO_x access time
80 pF load
-
-
60
ns
tDIS_MISO
MISO_x disable time
80 pF load
-
-
100
ns
tVALID_MISO
MISO_x output valid time
80 pF load
-
-
30
ns
tHOLD_MISO
MISO_x output hold time
80 pF load
Design info
0
-
-
ns
tNODATA
SCLK_x hold time
-
20
-
-
ns
tFLT_CS
CS_x noise glitch rejection time
-
50
-
300
ns
tNODATA
SPI Iinterframe time
-
400
-
-
ns
Note:
All timings are shown with respect to 10% and 90% of the actual delivered VCC voltage.
Figure 28. SPI timing diagram
tHIGH_SCLK
CS _ x
SCLK _ x
tLEAD
tACC_MISO
tSETUP_MOSI tHOLD_MISO
tLOW_SCLK
tVALID_MISO
tSCLK
MSB OUT
tLAG
tNODATA
tNODATA
tHOLD_MISO
tDIS_MISO
LSB IN
DATA
DATA
LSB OUT
DON’T
CARE
MSB IN
MISO _ x
MOSI _ x
GADG1203181209PS
L9679E
Electrical characteristics
DS12485 - Rev 8
page 101/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com