Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679E Datasheet(PDF) 103 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics L9679E Datasheet HTML 105Page - STMicroelectronics L9679E Datasheet HTML 106Page - STMicroelectronics L9679E Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
Note
ILKG_SS_2CH_ARMED
SSxy leakage
current
Device ON SSxy ≤ 35 V SFx = SFy = 0 Total
SSxy leakage current with both x and y
channels armed (= 2* 490 µA) plus 30 µA due
to 600 KOhm between ESD SQUIB/
PYROSWITCH rail and ground.
Assuming all SSxy at the same voltage. Not
Tested
800
1010 1230
µA
-
ILKG_SF_ON_0V
SF leakage current
Device ON, VSYNC = SSxy = 35 V, SFx = 0 V
-5
-
5
µA
-
ILKG_SF_ON_35V
SF leakage current
Device ON, VSYNC = SSxy = 35 V, SFx = 35 V
-5
-
50
µA
-
ILKG_SF_OFF_0V
SF leakage current
Device OFF VSYNC = open, SSxy = open but
all SSxy pins connected, SFx = 0V
-5
-
5
µA
-
ILKG_SF_OFF_35V
SF leakage current
Device OFF VSYNC = open, SSxy = open but
all SSxy pins connected, SFx = 35 V
-5
-
50
µA
-
ILKG_SR_ON
SR leakage current
Device ON, VSYNC = SSxy = 35 V, SRx =
0 V-35
-5
-
50
µA
-
ILKG_SR_OFF
SR leakage current
DEVICE OFF, VSYNC=open, SSxy = open but
all SSxy pins connected, SRx pull down current
OFF SRx = 0 V-20V
-5
-
50
µA
-
ILKG_SR_OFF_H
SR leakage
current_H
DEVICE OFF, VSYNC=open, SSxy = open but
all SSxy pins connected, SRx pull down current
OFF SRx = 35 V
-5
-
30
mA
-
VSR_CLAMP
SR voltage clamp
35
-
40
V
-
LDEPL
Load inductance
Design info
0
-
56
µH
Maximum load
inductance(2)
CSFx
Load capacitance
Maximum capacitance to GND Design info
13
-
455
nF
-
CSRx
Load capacitance
Maximum capacitance to GND Design info
13
-
455
nF
-
CSSxy
SSxy capacitance
Maximum capacitance to GND connected
directly to SSxy pin Design info
-
-
10
nF
-
RSFLx
Load impedance
Design info
-
-
6.5
Ω
-
-
Wire length
Squib/Pyroswitch Loops containing a clock
spring shall be limited to a maximum length of
3m
1
10
m
-
RWirex
Wire resistance
Design info
16.8
63.4 mΩ/m
-
LWirex
Wire Inductance
Design info
0.6
1.8
µH/m
-
RCSx
Clock spring
resistance
Maximum number of clock springs is 3 for any
IC Design Info
0
0.7
Ω
LCSx
Clock spring
inductance
Design Info
0
42.9
µH
kL
CS1 – LCS2
Clock spring
coupling
Design Info
0.739
0.903
LEMI
Squib/Pyroswitch
EMI protection
Design Info
0
7.7
µH
1. In case of an unsupplied device and shorted deployment pins (e.g. to battery voltage), the dynamic reverse current through the high side
power stage depends on CSSxy.
2. see LDEPL calculation
L9679E
Electrical characteristics
DS12485 - Rev 8
page 103/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com