Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 227 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 223Page - STMicroelectronics L9680 Datasheet HTML 224Page - STMicroelectronics L9680 Datasheet HTML 225Page - STMicroelectronics L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics L9680 Datasheet HTML 229Page - STMicroelectronics L9680 Datasheet HTML 230Page - STMicroelectronics L9680 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 286 page
background image
DS11615 Rev 7
227/286
L9680
Applications
285
16
Applications
The main applications for this IC are two:
as advanced user configurable airbag IC
as pyro fuse manager IC
16.1
Application circuit
Figure 71. Application circuit
SFx
SRx
ACL
DCSx
RSUx
R
WSx
D3
GPODx
GPOSx
ARMx
C7
C8
C9
L2
L3
L4
C11
C12
D4
C46
C10
L9680
VSF
Regulator
D1
ERBSTSW
ERBOOST
VER
BATT
ER
BOOST
ER Charge/Discharge
and ER cap Diag
ER
Switch
Battery
Monitor
C6
R2
VBATMON
VIN
C1
C2
R1
L1
C3
D2
C4
C5
SSxy
LOAD
VDD
Regulator
VINT3V3
Regulator
Wake-up
Oscillators
Logic
Block
GNDSUBx
SYNC
BOOST
WAKEUP
GNDSUBx
SYNCBSTSW
BSTGND
SYNCBOOST
SATBCKSW
SATGND
SATBCK
VCCBCKSW
VCC
IGN
CVDD
GNDD
GPO
Driver
System control & configuration
Safing
Logic
VCCGND
MCUFAULTB
VCOREMON
C22÷C33
C34÷C45
C47÷C55
C56÷C59
C60÷C63
D7÷D12
C16÷C21
Q1
R3
D5
D6
R4
uC_FLEN
R6
uC_DIAGEN
R13
R7÷R12
R14
Q2
C14
C13
R5
PUMD15
SAT
BUCK
VCC
BUCK
C15
ERBOOST
Close after
power-up
R15
Q3
D13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com